Part Number Hot Search : 
2316226 DSPIC33 74LS22 M74HC4 LTC385 T54FC 100118Y D1220
Product Description
Full Text Search
 

To Download UPJ1C102MPD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
PJ
Low Impedance, For Switching Power Supplies
series
Low impedance and high reliability withstanding 5000 hours load life at +105C (3000 / 2000 hours for smaller case sizes as specified below). Capacitance ranges available based on the numerical values in E12 series under JIS. Ideally suited for use of switching power supplies. Adapted to the RoHS directive (2002/95/EC).
PJ
PS
Smaller
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current
Performance Characteristics
- 55 ~ +105C (6.3 ~ 100V), - 40 ~ +105C (160 ~ 400V), - 25 ~ +105C (450V) 6.3 ~ 450V 0.47 ~ 15000F 20% at 120Hz, 20C
Rated Voltage (V) Leakage current
6.3 ~ 100
160 ~ 450
< After 1 minute's application of rated voltage, leakage current is not more CV = 1000 : I = 0.1CV+40 (A) max. (1 minute's) than 0.03CV or 4 (A), whichever is greater. CV > 1000 : I = 0.04CV+100 (A) max. (1 minute's) 120Hz, 20C
tan
6.3 10 16 25 35 Rated Voltage (V) tan (MAX.) 0.22 0.19 0.16 0.14 0.12 For capacitance of more than 1000F, add 0.02 for every increase of 1000F.
Rated voltage (V) Z- 25C / Z+20C Z- 40C / Z+20C Z- 55C / Z+20C
50 0.10
63 ~ 100 0.08 250 -- 6 --
160 ~ 350 0.20 400 -- 10 --
400 * 450 0.25 450 15 -- --
120Hz
Stability at Low Temperature
Impedance ratio (MAX.)
6.3 * 10 -- -- 4
16 -- -- 3
25 * 35 -- -- 3
50 ~ 100 160 ~ 200 -- -- 4 -- -- 2
315 ~ 350 -- 8 --
Endurance
After an application of D.C. bias voltage plus the rated ripple current for 5000 hours (2000 hours for D = 5 and 6.3, 3000 hours for D = 8 )at 105C the peak voltage shall not exceed the rated D.C. voltage, capacitors meet the characteristic requirements shown on the right. After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on dark brown sleeve.
Capacitance change Within 20% of initial value tan 200% or less of initial specified value Leakage current Initial specified value or less
Shelf Life Marking
Capacitance change Within 20% of initial value tan 150% or less of initial specified value Leakage current Initial specified value or less
Radial Lead Type
Type numbering system (Example : 25V 470F)
fd
Sleeve (P.E.T.)
+0.5 MAX.
UP J 1 E 4 7 1 MPD
P 0.5
1 2 3 4 5 6 7 8 9 10 11 12 Configuration Capacitance tolerance (20%) Rated Capacitance (470F) Rated voltage (25V) Series name Type Rated voltage
15000 10000 15000 10000 6800 6800 4700 4700 3300 3300 2200 2200 1500 1500 1000 1000 680680 470 470330
220 150 Cap.(F) 100 68 47 33 120Hz 22 15 10 0.68 0.47 0 0.5 0.6 0.7 0.8 Frequency coefficient 0.9 300Hz 1kHz
Type Small Dia Low Profile
Code 6 Size code
Pressure relief vent
(f6.3up)
L+ MAX.
15MIN
4MIN
Configuration leadwire f D Pb-freePET sleeve Pb-free 5 DD 6.3 ED 8 10 PD 12.5 ~ 18 HD
*
fD
(fD < 10) 1.0 (fD 10) 1.5
fD
Frequency coefficient
Frequency coefficient
5 6.3 8 10 12.5 16 18 P 2.0 2.5 3.5 5.0 5.0 7.5 7.5 fd 0.5 0.5 0.6 0.6 0.6 0.8 0.8 In case L >25 for the f12.5 dia. unit, lead dia. f d=0.8mm.
6.3 ~ 100V (10kHz ~ 200kHz = 1)
(mm)
Frequency coefficient of rated ripple current
Rated voltage
* Please refer to page 21 about the end seal configulation.
1.0
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
160 ~ 450V
50Hz 0.80
120Hz 1.00
300Hz 1.25
1kHz 1.40
10kHz~ 1.60
Dimension table in next pages.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
PJ
Cap. (F)
series
Dimensions
V (Code) Size code Code
6.3 (0J) -- 6 --
10 (1A) 6 --
16 (1C) 6 --
25 (1E) 6 --
35 (1V) 6
5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 12.5 x 20 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 40
22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000
220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103 123 153
5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 10 x 31.5 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 35.5 18 x 40
10 x 12.5 10 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 18 x 15 18 x 15 16 x 20 18 x 20 18 x 20 18 x 25 18 x 31.5 18 x 31.5
5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 12.5 x 20 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 35.5 16 x 40 18 x 40
10 x 12.5 10 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 18 x 15 16 x 20 16 x 20 18 x 20 18 x 25 18 x 25 18 x 31.5 18 x 35.5
5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 12.5 x 20 12.5 x 25 12.5 x 31.5 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 35.5 18 x 40
10 x 12.5 10 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 18 x 15 16 x 20 16 x 20 16 x 25 18 x 20 18 x 25 18 x 31.5 18 x 35.5
5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 12.5 x 20 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 40
10 x 12.5 10 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 18 x 15 18 x 15 16 x 20 16 x 25 18 x 20 18 x 25 18 x 31.5 18 x 35.5
10 x 12.5 10 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 18 x 15 18 x 15 16 x 20 16 x 25 18 x 20 18 x 25 18 x 31.5 18 x 35.5
D x L (mm)
Cap. (F)
V (Code) Size code Code
50 (1H)
-- 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 10 x 31.5 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 35.5 18 x 40 6 --
63 (1J)
6 --
80 (1K)
6
100 (2A)
-- 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 10 x 31.5 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 35.5 18 x 40 6
0000.47 0000.68 0001 0001.5 0002.2 0003.3 0004.7 0006.8 0010 0012 0015 0018 0022 0027 0033 0039 0047 0056 0068 0082 0100 0120 0150 0180 0220 0270 0330 0390 0470 0560 0680 0820 1000 1200 1500 1800 2200
R47 R68 010 1R5 2R2 3R3 4R7 6R8 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222
10 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 16 x 15 18 x 15 16 x 20 16 x 20 18 x 20 18 x 25 18 x 31.5 18 x 31.5
5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 12.5 x 20 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 40
10 x 12.5 10 x 12.5 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 18 x 15 18 x 15 16 x 20 16 x 25 18 x 20 18 x 25 18 x 31.5 18 x 35.5
5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 10 x 31.5 12.5 x 25 12.5 x 31.5 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 35.5 18 x 40
10 x 12.5 10 x 12.5 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 16 x 15 18 x 15 16 x 20 16 x 25 18 x 20 18 x 25 18 x 31.5 18 x 31.5
10 x 12.5 10 x 12.5 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 16 x 15 18 x 15 16 x 20 16 x 25 18 x 20 18 x 25 18 x 31.5 18 x 35.5
D x L (mm)
Dimension table for 160 ~ 450V products are shown in 151 page.
In case of low profile type, 6 will be put at 12th digit of type numbering system.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
PJ
series
Standard ratings
V (Code) Size co de I tem Cap. (F)
Co de
6.3 (0J) --
Case size D x L (mm)
5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 10 x 31.5 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 35.5 18 x 40
6
Rated ripple (mArms)
105C / 120Hz
99 115 155 175 205 275 310 345 435 480 605 670 820 895 1090 1230 1320 1430 1530 1710 1890 2040 2130 2290 2470 2530 2660 10 x 12.5 10 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 18 x 15 18 x 15 16 x 20 18 x 20 18 x 20 18 x 25 18 x 31.5 18 x 31.5 0.23 0.21 0.18 0.15 0.13 0.12 0.10 0.084 0.078 0.072 0.065 0.056 0.050 0.047 0.039 0.031 0.028 0.58 0.53 0.45 0.38 0.33 0.30 0.25 0.21 0.20 0.18 0.16 0.14 0.13 0.12 0.098 0.078 0.070 575 600 700 750 890 950 1020 1270 1340 1500 1600 1720 1920 1980 2210 2390 2490 455 485 580 635 765 835 915 1140 1200 1350 1440 1540 1720 1780 1980 2150 2240
Impedance ( ) MAX.
20C / 100kHz
1.40 1.10 0.78 0.60 0.48 0.39 0.32 0.27 0.22 0.19 0.16 0.13 0.12 0.10 0.084 0.078 0.066 0.051 0.045 0.037 0.034 0.031 0.029 0.027 0.025 0.023 0.022
100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000
101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103 123 153
V (Code) Size co de I tem
10kHz ~ - 10C / 100kHz 105C / 200kHz 3.50 150
2.80 2.10 1.50 1.20 1.00 0.80 0.68 0.55 0.48 0.40 0.33 0.30 0.25 0.21 0.20 0.17 0.14 0.11 0.093 0.085 0.078 0.073 0.068 0.063 0.058 0.055 175 225 250 285 370 405 445 550 595 730 795 950 1020 1220 1370 1470 1590 1710 1910 2100 2270 2370 2550 2750 2820 2960
Case size D x L (mm)
Impedance ( ) MAX.
20C / 100kHz
Rated ripple (mArms)
105C / 120Hz
10kHz ~ - 10C / 100kHz 105C / 200kHz
10 (1A) --
Case size D x L (mm)
5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 12.5 x 20 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 35.5 16 x 40 18 x 40
6
Rated ripple (mArms)
105C / 120Hz
97 110 135 160 185 205 270 300 350 430 475 590 660 835 915 1120 1290 1320 1530 1740 1960 2120 2170 2340 2410 2530 2730 10 x 12.5 10 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 18 x 15 16 x 20 16 x 20 18 x 20 18 x 25 18 x 25 18 x 31.5 18 x 35.5 0.24 0.21 0.18 0.14 0.13 0.10 0.096 0.078 0.072 0.060 0.051 0.045 0.041 0.035 0.033 0.027 0.025 0.60 0.53 0.45 0.35 0.33 0.25 0.24 0.20 0.18 0.15 0.13 0.11 0.10 0.088 0.083 0.068 0.063 555 600 700 770 920 1040 1060 1330 1420 1600 1740 1850 2050 2250 2340 2540 2690 430 475 565 635 780 895 930 1190 1270 1440 1560 1660 1840 2020 2100 2280 2420
Cap.(F)
Co de
Impedance ( ) MAX.
20C / 100kHz
1.30 1.10 0.84 0.72 0.55 0.46 0.38 0.31 0.26 0.22 0.19 0.16 0.13 0.11 0.096 0.078 0.072 0.057 0.045 0.036 0.032 0.030 0.028 0.026 0.024 0.023 0.021
68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000
680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103
10kHz ~ - 10C / 100kHz 105C / 200kHz 3.30 155
2.80 2.10 1.80 1.40 1.20 0.95 0.78 0.65 0.55 0.48 0.40 0.33 0.28 0.24 0.20 0.18 0.14 0.11 0.090 0.080 0.075 0.070 0.065 0.060 0.058 0.053 175 210 235 265 290 370 405 460 550 595 730 795 985 1060 1280 1440 1470 1710 1940 2180 2360 2420 2610 2680 2820 3040
Case size D x L (mm)
Impedance ( ) MAX.
20C / 100kHz
Rated ripple (mArms)
10kHz ~ - 10C / 100kHz 105C / 200kHz 105C / 120Hz
In case of low profile type, 6 will be put at 12th digit of type numbering system.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
PJ
series
Standard ratings
V (Code) Size co de Item Cap. (F)
Co de
16 (1C) --
Case size D x L (mm)
5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 12.5 x 20 12.5 x 25 12.5 x 31.5 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 35.5 18 x 40
6
Rated ripple (mArms)
105C / 120Hz
92 105 135 155 175 195 260 285 335 410 455 570 615 770 845 1030 1210 1250 1490 1690 1800 1990 2160 2220 2410 2530 2610 2730 10 x 12.5 10 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 18 x 15 16 x 20 16 x 20 16 x 25 18 x 20 18 x 25 18 x 31.5 18 x 35.5 0.22 0.18 0.16 0.14 0.13 0.11 0.096 0.084 0.072 0.066 0.054 0.048 0.040 0.039 0.034 0.028 0.027 0.55 0.45 0.40 0.35 0.33 0.28 0.24 0.21 0.18 0.17 0.14 0.12 0.10 0.10 0.085 0.070 0.068 575 625 730 770 920 985 1060 1270 1390 1560 1700 1800 2010 2090 2290 2490 2620 430 480 570 615 745 815 895 1090 1220 1400 1530 1620 1800 1880 2060 2240 2350
Impedance ( ) MAX.
20C / 100kHz
1.30 1.10 0.78 0.66 0.55 0.45 0.37 0.31 0.26 0.22 0.18 0.16 0.14 0.12 0.10 0.084 0.072 0.060 0.048 0.039 0.034 0.031 0.028 0.027 0.025 0.024 0.022 0.021
47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200
470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822
V (Code) Size co de Item
10kHz ~ - 10C / 100kHz 105C / 200kHz 3.30 155
2.80 2.00 1.70 1.40 1.10 0.93 0.78 0.65 0.55 0.45 0.40 0.35 0.30 0.25 0.21 0.18 0.15 0.12 0.10 0.085 0.078 0.070 0.068 0.063 0.060 0.055 0.053 175 220 240 265 290 375 405 460 550 595 730 770 950 1020 1220 1410 1430 1660 1880 2010 2220 2410 2470 2680 2820 2900 3040
Case size D x L (mm)
Impedance ( ) MAX.
20C / 100kHz
Rated ripple (mArms)
105C / 120Hz
10kHz ~ - 10C / 100kHz 105C / 200kHz
25 (1E) --
Case size D x L (mm)
5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 12.5 x 20 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 40
6
Rated ripple (mArms)
105C / 120Hz
88 100 125 140 160 180 245 275 320 390 455 560 610 770 810 990 1180 1210 1430 1550 1780 1960 2120 2220 2410 2530 2660 10 x 12.5 10 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 18 x 15 18 x 15 16 x 20 16 x 25 18 x 20 18 x 25 18 x 31.5 18 x 35.5 0.24 0.21 0.18 0.15 0.13 0.11 0.10 0.084 0.079 0.066 0.061 0.050 0.041 0.040 0.034 0.029 0.026 0.60 0.53 0.45 0.38 0.33 0.28 0.25 0.21 0.20 0.17 0.15 0.13 0.10 0.10 0.085 0.073 0.065 555 600 700 750 920 985 1060 1270 1340 1520 1600 1770 1980 2050 2290 2490 2690 395 435 525 575 720 785 860 1050 1130 1310 1400 1590 1780 1840 2060 2240 2420
Cap. (F)
Co de
Impedance ( ) MAX.
20C / 100kHz
1.30 1.10 0.84 0.72 0.57 0.47 0.39 0.32 0.26 0.22 0.18 0.15 0.13 0.11 0.10 0.084 0.072 0.059 0.048 0.043 0.035 0.032 0.029 0.027 0.025 0.023 0.022
33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700
330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472
- 10C / 100kHz 105C / 10kHz ~ 200kHz 3.30 155
2.80 2.10 1.80 1.40 1.20 0.98 0.80 0.65 0.55 0.45 0.38 0.33 0.28 0.25 0.21 0.18 0.15 0.12 0.11 0.088 0.080 0.073 0.068 0.063 0.058 0.055 175 210 235 260 285 370 405 460 550 625 750 795 985 1020 1220 1420 1430 1660 1760 1980 2180 2360 2470 2680 2820 2960
Case size D x L (mm)
Impedance ( ) MAX.
20C / 100kHz
Rated ripple (mArms)
105C / 120Hz
10kHz ~ - 10C / 100kHz 105C / 200kHz
In case of low profile type, 6 will be put at 12th digit of type numbering system.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
PJ
series
Standard ratings
V (Code) Size co de Item Cap. (F)
Co de
35 (1V) --
Case size D x L (mm) Impedance ( ) MAX.
20C / 100kHz
1.30 1.00 0.78 0.66 0.54 0.45 0.37 0.31 0.26 0.22 0.18 0.16 0.13 0.11 0.096 0.084 0.072 0.059 0.048 0.042 0.035 0.031 0.029 0.027 0.024 0.022 0.021
6
Rated ripple (mArms)
105C / 120Hz
85 99 125 140 160 180 230 265 305 370 415 520 580 735 810 955 1130 1160 1370 1490 1710 1920 2120 2220 2410 2610 2730
22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300
220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332
V (Code) Size code Item
x 11 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 12.5 x 20 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 40
5 6.3
5 x 11
10kHz ~ - 10C / 100kHz 105C / 200kHz 3.30 160
2.50 2.00 1.70 1.40 1.10 0.93 0.78 0.65 0.55 0.45 0.40 0.33 0.28 0.24 0.21 0.18 0.15 0.12 0.11 0.088 0.078 0.073 0.068 0.060 0.055 0.053 180 225 245 270 295 370 415 460 550 595 730 795 985 1060 1220 1420 1430 1660 1760 1980 2180 2360 2470 2680 2900 3040
Case size D x L (mm)
Impedance ( ) MAX.
20C / 100kHz
Rated ripple (mArms)
105C / 120Hz
10kHz ~ - 10C / 100kHz 105C / 200kHz
x 12.5 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 18 x 15 18 x 15 16 x 20 16 x 25 18 x 20 18 x 25 18 x 31.5 18 x 35.5
10 10
0.24 0.20 0.18 0.14 0.13 0.10 0.096 0.084 0.075 0.066 0.060 0.050 0.041 0.040 0.034 0.028 0.026
0.60 0.50 0.45 0.35 0.33 0.25 0.24 0.21 0.19 0.17 0.15 0.13 0.10 0.10 0.085 0.070 0.065
555 625 700 770 920 1020 1060 1270 1360 1540 1620 1770 1980 2050 2290 2490 2690
375 435 500 560 690 780 825 1010 1100 1270 1370 1530 1740 1840 2060 2240 2420
50 (1H) --
Case size D x L (mm)
5 5 5 5 5 5 5 5 5 5 5 5 6.3 6.3 6.3 6.3 6.3 6.3 8 8 8 8 10 10 10 10 10 12.5 12.5 12.5 12.5 12.5 16 16 16 18 18
6
Rated ripple (mArms)
105C / 120Hz
11 14 18 22 27 33 40 45 57 62 72 79 100 115 135 150 195 220 255 320 410 455 570 635 760 900 995 1120 1190 1360 1530 1700 1830 1990 2170 2210 2300
Cap. (F)
Co de
Impedance ( ) MAX.
20C / 100kHz
31.00 21.00 14.00 9.80 6.50 4.60 3.10 2.50 2.00 1.70 1.30 1.10 0.91 0.74 0.60 0.50 0.42 0.35 0.28 0.22 0.18 0.16 0.13 0.11 0.098 0.085 0.072 0.053 0.048 0.040 0.036 0.033 0.030 0.028 0.026 0.025 0.024 80.00 55.00 38.00 28.00 18.00 12.00 7.80 6.30 5.00 4.30 3.30 2.80 2.30 1.90 1.50 1.30 1.10 0.88 0.70 0.55 0.45 0.40 0.33 0.28 0.25 0.21 0.18 0.13 0.12 0.10 0.090 0.083 0.075 0.070 0.065 0.063 0.060
0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200
R47 R68 010 1R5 2R2 3R3 4R7 6R8 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222
x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 15 x 15 x 11.5 x 15 x 20 x 20 x 20 x 20 x 25 x 31.5 x 31.5 x 25 x 25 x 31.5 x 35.5 x 40 x 31.5 x 35.5 x 40 x 35.5 x 40
10kHz ~ - 10C / 100kHz 105C / 200kHz
22 28 36 45 54 66 81 91 115 125 145 155 195 215 240 260 330 360 410 500 620 670 820 890 1040 1200 1300 1440 1500 1680 1850 2010 2120 2260 2410 2460 2560
Case size D x L (mm)
Impedance ( ) MAX.
20C / 100kHz
Rated ripple (mArms)
105C / 120Hz
10kHz ~ - 10C / 100kHz 105C / 200kHz
10 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 16 x 15 18 x 15 16 x 20 16 x 20 18 x 20 18 x 25 18 x 31.5 18 x 31.5
0.23 0.21 0.17 0.14 0.12 0.10 0.091 0.078 0.072 0.060 0.053 0.048 0.043 0.036 0.031 0.029
0.58 0.53 0.43 0.35 0.31 0.25 0.23 0.20 0.18 0.15 0.13 0.12 0.11 0.090 0.078 0.073
510 580 640 785 845 920 1120 1210 1270 1470 1550 1630 1810 2000 2140 2220
330 385 435 545 605 670 840 925 990 1170 1260 1350 1530 1730 1880 1990
In case of low profile type, 6 will be put at 12th digit of type numbering system.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
PJ
series
Standard ratings
V (Code) Size co de Item Cap. (F)
Co de
63 (1J) --
Case size D x L (mm) Impedance ( ) MAX.
20C / 100kHz
1.60 1.40 1.10 0.95 0.78 0.64 0.52 0.45 0.37 0.31 0.26 0.22 0.18 0.15 0.13 0.11 0.094 0.081 0.072 0.059 0.052 0.047 0.043 0.040 0.037 0.034
6
Rated ripple (mArms)
105C / 120Hz
67 72 92 100 110 130 170 190 215 275 315 385 495 555 665 790 835 1000 1090 1260 1420 1580 1700 1880 2050 2210
10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200
100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122
x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 12.5 x 20 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 40
5
10kHz ~ - 10C / 100kHz 105C / 200kHz 4.00 135
3.50 2.80 2.40 2.00 1.60 1.30 1.10 0.93 0.78 0.65 0.55 0.45 0.38 0.33 0.28 0.24 0.20 0.18 0.15 0.13 0.12 0.11 0.10 0.093 0.085 145 185 195 215 240 305 330 365 450 500 600 750 820 950 1110 1140 1340 1420 1620 1780 1950 2050 2220 2370 2510
Case size D x L (mm)
Impedance ( ) MAX.
20C / 100kHz
Rated ripple (mArms)
105C / 120Hz
- 10C / 100kHz 105C / 10kHz ~ 200kHz
x 12.5 x 12.5 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 18 x 15 18 x 15 16 x 20 16 x 25 18 x 20 18 x 25 18 x 31.5 18 x 35.5
10 10
0.34 0.28 0.24 0.20 0.18 0.14 0.12 0.10 0.088 0.078 0.070 0.063 0.058 0.051 0.043 0.040
0.85 0.70 0.60 0.50 0.45 0.35 0.30 0.25 0.22 0.20 0.18 0.16 0.15 0.13 0.12 0.10
450 495 580 695 750 845 1050 1120 1290 1410 1500 1700 1730 1940 2110 2280
275 310 375 460 510 590 750 820 965 1080 1170 1350 1400 1610 1780 1970
V (Code) Size co de Item Cap. (F)
Co de
80 (1K) --
Case size D x L (mm) Impedance ( ) MAX.
20C / 100kHz
4.20 2.60 1.70 1.40 1.20 1.00 0.77 0.63 0.53 0.46 0.39 0.34 0.28 0.25 0.21 0.18 0.15 0.13 0.12 0.10 0.088 0.078 0.069 0.062 0.055 0.049 0.044
6
Rated ripple (mArms)
105C / 120Hz
26 34 43 48 52 58 71 80 132 156 175 208 264 284 347 406 459 520 595 667 767 822 1150 1300 1470 1590 1790
4.7 6.8 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000
4R7 6R8 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102
x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 10 x 31.5 12.5 x 25 12.5 x 31.5 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 35.5 18 x 40
5
- 10C / 100kHz 105C / 10kHz ~ 200kHz 11.00 53
7.00 4.60 3.80 3.20 2.70 2.10 1.70 1.40 1.20 1.10 0.92 0.76 0.68 0.57 0.49 0.41 0.35 0.32 0.27 0.24 0.21 0.19 0.17 0.15 0.13 0.12 68 87 96 104 114 135 149 234 272 295 347 426 447 526 606 663 734 816 894 1000 1060 1450 1600 1770 1890 2080
Case size D x L (mm)
Impedance ( ) MAX.
20C / 100kHz
Rated ripple (mArms)
105C / 120Hz
- 10C / 100kHz 105C / 10kHz ~ 200kHz
x 12.5 x 12.5 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 16 x 15 18 x 15 16 x 20 16 x 25 18 x 20 18 x 25 18 x 31.5 18 x 31.5
10 10
0.49 0.42 0.36 0.31 0.27 0.23 0.20 0.18 0.15 0.13 0.11 0.099 0.089 0.080 0.072 0.065
1.30 1.10 0.97 0.84 0.73 0.62 0.54 0.47 0.41 0.35 0.30 0.27 0.24 0.22 0.19 0.18
271 293 337 402 430 466 663 699 766 881 995 1140 1170 1330 1490 1560
155 174 202 249 273 308 444 484 543 643 742 874 908 1060 1210 1300
In case of low profile type, 6 will be put at 12th digit of type numbering system.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
PJ
series
Standard ratings
V (Code) Size co de Item Cap. (F)
Co de
100 (2A) --
Case size D x L (mm) Impedance ( ) MAX.
20C / 100kHz
43.0 23.0 17.0 10.0 6.60 4.10 2.80 1.90 1.20 1.00 0.81 0.67 0.55 0.47 0.38 0.33 0.28 0.24 0.21 0.18 0.15 0.13 0.11 0.098 0.087 0.072 0.062 0.053 0.047 0.041 0.036
6
Rated ripple (mArms)
105C / 120Hz
8 11 13 17 21 27 34 41 52 57 65 73 122 146 169 202 252 274 326 386 438 519 553 641 730 843 1160 1340 1530 1680 1910
0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680
R47 R68 010 1R5 2R2 3R3 4R7 6R8 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681
x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 10 x 31.5 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 35.5 18 x 40
5
10kHz ~ - 10C / 100kHz 105C / 200kHz 17 116.0
62.0 46.0 27.0 18.0 11.0 7.60 5.10 3.20 2.70 2.20 1.80 1.50 1.30 1.00 0.89 0.76 0.65 0.57 0.49 0.41 0.35 0.30 0.26 0.23 0.19 0.17 0.14 0.13 0.11 0.097 23 27 35 43 54 68 83 104 114 131 155 230 269 299 352 423 456 526 606 663 774 798 904 1000 1130 1520 1730 1920 2070 2300
Case size D x L (mm)
Impedance ( ) MAX.
20C / 100kHz
Rated ripple (mArms)
105C / 120Hz
- 10C / 100kHz 105C / 10kHz ~ 200kHz
x 12.5 x 12.5 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 16 x 15 18 x 15 16 x 20 16 x 25 18 x 20 18 x 25 18 x 31.5 18 x 35.5
10 10
0.50 0.42 0.36 0.31 0.27 0.23 0.19 0.17 0.14 0.12 0.11 0.093 0.080 0.070 0.062 0.056
1.40 1.10 0.97 0.84 0.73 0.62 0.51 0.46 0.38 0.32 0.30 0.25 0.22 0.19 0.17 0.15
268 293 337 402 430 466 681 719 793 917 995 1170 1230 1420 1600 1770
145 166 193 239 258 289 433 475 531 635 706 854 918 1080 1240 1410
In case of low profile type, 6 will be put at 12th digit of type numbering system.
V
160 2C 8 x 11.5 10 x 12.5 10 x 15 10 x 12.5 8 x 11.5 19 30 50 57 90 140 175 220 330 8
200 2D
250 2E 19 30 50 60 95 145 180 220 345
315 2F 19 32 52 60 98 150 180 225 345
350 2V 19 32 52 65 98 150 185 235
400 2G 21 34 54 65 100 150 190 240
450 2W 17 28 47 55 85 130 170
Cap. (F)
Code
1 2.2 3.3 4.7 10 22 33 47 100
010 2R2 3R3 4R7 100 220 330 470 101
12.5 x 20 12.5 x 25
16 x 25
16 x 35.5
x 11.5 8 x 11.5 10 x 12.5 10 x 15 10 x 20 12.5 x 25 16 x 25 16 x 25 18 x 40
x 11.5 10 x 12.5 10 x 15 10 x 15 12.5 x 20 16 x 25 16 x 25 16 x 31.5 18 x 40
8
x 11.5 10 x 12.5 10 x 15 10 x 20 12.5 x 20 16 x 25 16 x 31.5 18 x 35.5
8
x 12.5 10 x 15 10 x 20 10 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 40
10
x 12.5 10 x 15 10 x 20 12.5 x 20 12.5 x 25 16 x 31.5 18 x 35.5
10
x 15 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 40
10
17 28 48 55 90 135 170 1
Case size
1 Rated Ripple (mArms) at 105C 120Hz
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UPJ1C102MPD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X